Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT61 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDT61
Description  isc Silicon NPN Darlington Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT61 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDT61 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT61 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistors
BDT61/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDT61
60
BDT61A
80
BDT61B
100
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BDT61C
IC= 30mA; IB= 0
120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 6mA
2.5
V
VBE(on)
Base-Emitter On Voltage
IC= 1.5A ; VCE= 3V
2.5
V
BDT61
VCB= 60V; IE= 0
VCB= 30V; IE= 0; TJ=150℃
0.2
2.0
BDT61A
VCB= 80V; IE= 0
VCB= 40V; IE= 0; TJ=150℃
0.2
2.0
BDT61B
VCB= 100V; IE= 0
VCB= 50V; IE= 0; TJ=150℃
0.2
2.0
ICBO
Collector
Cutoff Current
BDT61C
VCB= 120V; IE= 0
VCB= 60V; IE= 0; TJ=150℃
0.2
2.0
mA
BDT61
VCE= 30V; IB= 0
B
0.5
BDT61A
VCE= 40V; IB= 0
B
0.5
BDT61B
VCE= 50V; IB= 0
B
0.5
ICEO
Collector
Cutoff Current
BDT61C
VCE= 60V; IB= 0
B
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5
mA
hFE
DC Current Gain
IC= 1.5A; VCE= 3V
750
VECF
C-E Diode Forward Voltage
IE= 1.5A
2.0
V
Switching Times
ton
Turn-On Time
1.0
μs
toff
Turn-Off Time
IC= 2A; IB1= -IB2= 8mA;
VBE(off)= -5V; RL= 20Ω
4.5
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com