Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDV67A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDV67A
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDV67A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDV67A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDV67A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDV67A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDV67/67A/67B/67C/67D
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDV67
60
BDV67A
80
BDV67B
100
BDV67C
120
V(BR)CEO
Collector-emitter
breakdown voltage
BDV67D
IC=30mA, IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=10A ,IB=40mA
2.0
V
VBE
Base-emitter on voltage
IC=10A ; VCE=3V
2.5
V
ICBO
Collector cut-off current
VCB=VCBOmax, IE=0
VCB=1/2VCBOmax; Tj=150℃
1.0
4.0
mA
ICEO
Collector cut-off current
VCE=1/2VCEOmax, IB=0
1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5
mA
hFE-1
DC current gain
IC=1A ; VCE=3V
3000
hFE-2
DC current gain
IC=10A ; VCE=3V
1000
hFE-3
DC current gain
IC=16A ; VCE=3V
1000
CC
Collector capacitance
IE=0 ; VCB=10V;f=1MHz
300
pF
VF
Diode forward voltage
IE=10A
3.0
V
ton
Turn-on time
1.0
μs
toff
Turn-off time
IC = 10 A, IB1 =-IB2=40 mA
VCC = 12V
3.5
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-mb
Thermal resistance junction to mounting base
0.625
K/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com