Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6926
Description  High efficiency monolithic synchronous step down regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6926_11 Datasheet HTML 7Page - STMicroelectronics L6926_11 Datasheet HTML 8Page - STMicroelectronics L6926_11 Datasheet HTML 9Page - STMicroelectronics L6926_11 Datasheet HTML 10Page - STMicroelectronics L6926_11 Datasheet HTML 11Page - STMicroelectronics L6926_11 Datasheet HTML 12Page - STMicroelectronics L6926_11 Datasheet HTML 13Page - STMicroelectronics L6926_11 Datasheet HTML 14Page - STMicroelectronics L6926_11 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L6926
Package mechanical data
Doc ID 9302 Rev 9
11/16
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
MSOP8 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
1.10
A1
0
0.15
A2
0.75
0.85
0.95
b
0.22
0.40
c
0.08
0.23
D (1)
1.
Dimension “D” and “E1” does not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.15 mm per side.
2.80
3.00
3.20
E
4.65
4.90
5.15
E1 (1)
2.80
3.00
3.10
e0.65
L
0.40
0.60
0.80
L1
0.95
L2
0.25
k0
8
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com