Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M41T62
Description  Serial real-time clocks (RTCs) with alarm
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 30Page - STMicroelectronics M41T62 Datasheet HTML 31Page - STMicroelectronics M41T62 Datasheet HTML 32Page - STMicroelectronics M41T62 Datasheet HTML 33Page - STMicroelectronics M41T62 Datasheet HTML 34Page - STMicroelectronics M41T62 Datasheet HTML 35Page - STMicroelectronics M41T62 Datasheet HTML 36Page - STMicroelectronics M41T62 Datasheet HTML 37Page - STMicroelectronics M41T62 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
DC and AC parameters
M41T62/63/64/65
34/44
Doc ID 10397 Rev 19
Table 15.
Crystal electrical characteristics
Sym
Parameter(1)(2)
Min
Typ
Max
Units
fO
Resonant frequency
-
32.768
kHz
RS
Series resistance (TA = –40 to 70 °C, oscillator startup at 2.0 V)
-
75(3)(4)
k
Ω
CL
Load capacitance
-
6
pF
1.
For the QFN16 package, user-supplied external crystals are required. The 6 and 7 pF crystals listed in Table 16 below
have been evaluated by ST and have been found to be satisfactory for use with the M41T6x series RTC.
2.
Load capacitors are integrated within the M41T6x. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
3.
Guaranteed by design.
4.
RS (max) = 65 kΩ for TA = –40 to 85 °C and oscillator startup at 1.5 V.
Table 16.
Crystals suitable for use with M41T6x series RTCs
Vendor
Order number
Package
Manufacturer’s specifications
ESR
max
Temp.
range (°C)
Rated
tolerance
at 25 °C
Rated
load
cap.
Citizen
CMJ206T-32.768KDZB-UB
8.3 x 2.5 mm
leaded SMT
50 k
Ω
–40/+85
±20 ppm
6 pF
Citizen
CM315-32.768KDZY-UB
3.2 x 1.5 x 0.9 mm SMT
70 k
Ω
–40/+85
±20 ppm
7 pF
Ecliptek
E4WCDA06-32.768K
2.0 x 6.0 mm thru-hole
50 k
Ω
–10/+60
±20 ppm
6 pF
Ecliptek
E5WSDC 07 - 32.768K
7 x 1.5 x 1.4 mm SMT
65 k
Ω
–40/+85
±20 ppm
7 pF
ECS
ECS-.327-6-17X-TR
3.8 x 8.5 x 2.5 mm SMT
50 k
Ω
–40/+85
±20 ppm
6 pF
ECS
ECS-.327-7-34B-TR
3.2 x 1.5 x 0.9 mm SMT
70 k
Ω
–40/+85
±20 ppm
7 pF
ECS
ECS-.327-7-38-TR
7 x 1.5 x 1.4 mm SMT
65 k
Ω
–40/+85
±20 ppm
7 pF
Epson
MC-146 32.7680KA-AG: ROHS(1)
7 x 1.5 x 1.4 mm SMT
65 k
Ω
–40/+85
±20 ppm
7 pF
Fox
298LF-0.032768-19
1.5 x 5.0 mm thru-hole
50 k
Ω
–20/+60
±20 ppm
6 pF
Fox
299LF-0.032768-37
2.0 x 6.0 mm thru-hole
50 k
Ω
–20/+60
±20 ppm
6 pF
Fox
414LF-0.032768-12
3.8 x 8.5 x 2.5 mm SMT
50 k
Ω
–40/+85
±20 ppm
6 pF
Fox
501LF-0.032768-5
7 x 1.5 x 1.4 mm SMT
65 k
Ω
–40/+85
±20 ppm
7 pF
Micro
Crystal
MS3V-T1R 32.768KHZ 7PF 20PPM
6.7 x 1.4 mm
leaded SMT
65 k
Ω
–40/+85
±20 ppm
7 pF
Pletronics SM20S - 32.768K - 6pF
3.8 x 8.5 x 2.5 mm SMT
50 k
Ω
–40/+85
±20 ppm
6 pF
Seiko
SSPT7F-7PF20PPM
7 x 1.5 x 1.4 mm SMT
65 k
Ω
–40/+85
±20 ppm
7 pF
Seiko
VT200F-6PF20PPM
2.0 x 6.0 mm thru-hole
50 k
Ω
–10/+60
±20 ppm
6 pF
1.
Epson MC-146 32.7680KA-E: ROHS is 6 pF version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com