Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62LC6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T62LC6F
Description  Serial real-time clocks (RTCs) with alarm
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 14Page - STMicroelectronics M41T62LC6F Datasheet HTML 15Page - STMicroelectronics M41T62LC6F Datasheet HTML 16Page - STMicroelectronics M41T62LC6F Datasheet HTML 17Page - STMicroelectronics M41T62LC6F Datasheet HTML 18Page - STMicroelectronics M41T62LC6F Datasheet HTML 19Page - STMicroelectronics M41T62LC6F Datasheet HTML 20Page - STMicroelectronics M41T62LC6F Datasheet HTML 21Page - STMicroelectronics M41T62LC6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Clock operation
M41T62/63/64/65
18/44
Doc ID 10397 Rev 19
3.1
RTC registers
The M41T6x user interface is comprised of 16 memory mapped registers which include
clock, calibration, alarm, watchdog, flags, and square wave control. The eight clock
counters are accessed indirectly via a set of buffer/transfer registers while the other eight
registers are directly accessed. Data in the clock and alarm registers is in BCD format.
Figure 20.
Buffer/transfer registers
Updates
During normal operation when the user is not accessing the device, the buffer/transfer
registers are kept updated with a copy of the RTC counters. At the start of an I2C read or
write cycle, the updating is halted and the present time is frozen in the buffer/transfer
registers.
Reads of the clock registers
By halting the updates at the start of an I2C access, the user is ensured that all the data
transferred out during a read sequence comes from the same instant in time.
32KHz
OSC
DIVIDE BY
32768
1 Hz
READ / WRITE
BUFFER
TRANSFER
REGISTERS
I2C
I2C
INTERFACE
CENTURIES
YEARS
MONTHS
DATE
DAY-OF-WEEK
HOURS
MINUTES
SECONDS
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
2
CLOCK COUNTERS ARE
ACCESSED INDIRECTLY
THRU BUFFER/TRANSFER
REGISTERS
FLAGS
NON-CLOCK
REGISTERS
CALIBRATION
WATCHDOG
NON-CLOCK REGISTERS
ARE DIRECTLY ACCESSED
DATA TRANSFERRED
OUT OF I2C INTERFACE
ON 8th FALLING EDGE
OF SCL (ON WRITES)
ON WRITES, DATA TRANSFERRED
FROM BUFFERS TO COUNTERS
WHEN ADDRESS POINTER
INCREMENTS TO 8 OR WHEN I2C
STOP CONDITION IS RECEIVED
AT START OF READ, UDATES FROM COUNTERS
ARE HALTED AND PRESENT TIME IS FROZEN
IN BUFFER/TRANSFER REGISTERS.
AM04890v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com