Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW47 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDW47
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW47 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDW47 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW47 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDW47 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BDW47
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-30mA, IB=0
-100
V
VCEsat-1
Collector-emitter saturation voltage
IC=-5A ,IB=-10mA
-2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-10A ,IB=-50mA
-3.0
V
VBE
Base-emitter on voltage
IC=-10A ; VCE=-4V
-3.0
V
ICBO
Collector cut-off current
VCB=-100V, IE=0
-1.0
mA
ICEO
Collector cut-off current
VCE=-50V, IB=0
-2.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2.0
mA
hFE-1
DC current gain
IC=-5A ; VCE=-4V
1000
hFE-2
DC current gain
IC=-10A ; VCE=-4V
250
fT
Transition frequency
IC=-3A ; VCE=-3V;f=1MHz
4.0
MHz
COB
Output capacitance
IE=0 ; VCB=-10V;f=0.1MHz
300
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com