Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX14 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDX14
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX14 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDX14 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX14 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BDX14
DESCRIPTION
·Continuous Collector Current-IC= -4A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= -55V(Min.)
APPLICATIONS
·Designed for general purpose switching and amplifier
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-90
V
VCER
Collector-Emitter Voltage RBE= 100Ω
-60
V
VCEO
Collector-Emitter Voltage
-55
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-4
A
IB
B
Base Current-Continuous
-2
A
PC
Collector Power Dissipation@TC=25℃
29
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
6.0
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDX14

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX14 SEME-LAB-BDX14 Datasheet
15Kb / 2P
PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX14 NJSEMI-BDX14 Datasheet
130Kb / 2P
Silicon PNP Power Transistor
logo
Seme LAB
BDX14A SEME-LAB-BDX14A Datasheet
15Kb / 2P
PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Inchange Semiconductor ...
BDX14A ISC-BDX14A Datasheet
188Kb / 2P
isc Silicon PNP Power Transistor
logo
TT Electronics.
BDX14A TTELEC-BDX14A Datasheet
517Kb / 3P
PNP Epitaxial Silicon Bipolar Transistor
More results

Similar Description - BDX14

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com