Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX33 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX33
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX33 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX33 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX33 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDX33 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDX33/A/B/C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX33
45
BDX33A
60
BDX33B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
BDX33C
IC=0.1A, IB=0
100
V
BDX33/33A
IC=4A ,IB=8mA
VCEsat
Collector-emitter
saturation voltage
BDX33B/33C
IC=3A ,IB=6mA
2.5
V
BDX33/33A
IC=4A ; VCE=3V
VBE
Base-emitter
on voltage
BDX33B/33C
IC=3A ; VCE=3V
2.5
V
BDX33
VCB=45V, IE=0
BDX33A
VCB=60V, IE=0
BDX33B
VCB=80V, IE=0
ICBO
Collector
cut-off current
BDX33C
VCB=100V, IE=0
0.2
mA
BDX33
VCE=22V, IB=0
BDX33A
VCE=30V, IB=0
BDX33B
VCE=40V, IB=0
ICEO
Collector
cut-off current
BDX33C
VCE=50V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5
mA
BDX33/33A
IC=4A ; VCE=3V
hFE
DC current gain
BDX33B/33C
IC=3A ; VCE=3V
750
VF
Forward diode voltage
IF=8A
4.0
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com