Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP30GP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FEP30GP
Description  Dual Common Cathode Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEP30GP Datasheet(HTML) 2 Page - Vishay Siliconix

  FEP30GP Datasheet HTML 1Page - Vishay Siliconix FEP30GP Datasheet HTML 2Page - Vishay Siliconix FEP30GP Datasheet HTML 3Page - Vishay Siliconix FEP30GP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88597
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 08-Apr-10
FEP30AP thru FEP30JP
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to case per diode mounted on heatsink
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
FEP
30AP
FEP
30BP
FEP
30CP
FEP
30DP
FEP
30FP
FEP
30GP
FEP
30HP
FEP
30JP
UNIT
Maximum instantaneous
forward voltage per diode
15.0 A
VF
0.95
1.3
1.5
V
Maximum DC reverse current
at rated DC blocking voltage
per diode
TC = 25 °C
IR
10
μA
TC = 100 °C
500
Maximum reverse recovery
time per diode
IF = 0.5 A,
IR = 1.0 A,
Irr = 0.25 A
trr
35
50
ns
Typical junction capacitance
per diode
4.0 V, 1 MHz
CJ
175
145
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP
30AP
FEP
30BP
FEP
30CP
FEP
30DP
FEP
30FP
FEP
30GP
FEP
30HP
FEP
30JP
UNIT
Typical thermal resistance per diode
RθJC
(1)
1.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-247AD
FEP30JP-E3/45
6.15
30
30/tube
Tube
0
50
100
150
0
6
12
24
30
36
Case Temperature (°C)
Resistive or Inductive Load
1
10
100
0
50
100
150
200
250
300
Number of Cycles at 60 Hz
T
C = 100 °C
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com