Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX64A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX64A
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX64A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX64A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX64A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDX64/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX64
-60
BDX64A
-80
BDX64B
-100
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDX64C
IC= -100mA ;IB=0
-120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5A; IB= -20mA
B
-2
V
VBE(on)
Base-Emitter On Voltage
IC= -5A ; VCE= -3V
-2.5
V
VECF
C-E Diode Forward Voltage
IF= -5A
-1.8
V
ICEO
Collector Cutoff Current
VCE=
1/
2VCEOmax; IB= 0
-0.2
mA
ICBO
Collector Cutoff Current
VCB= VCBOmax;IE= 0
-0.4
mA
BDX64
VCB= -40V;IE= 0;TJ= 200℃
BDX64A
VCB= -50V;IE= 0;TJ= 200℃
BDX64B
VCB= -60V;IE= 0;TJ= 200℃
ICBO
Collector Cutoff Current
BDX64C
VCB= -70V;IE= 0;TJ= 200℃
-3
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-5
mA
hFE-1
DC Current Gain
IC= -1A ; VCE= -3V
1500
hFE-2
DC Current Gain
IC= -5A ; VCE= -3V
1000
hFE-3
DC Current Gain
IC= -12A ; VCE= -3V
750
COB
Output Capacitance
IE= 0 ; VCB= -10V; ftest= 1MHz
200
pF
Switching times
ton
Turn-on Time
1
μs
toff
Turn-off Time
IC= -5A; IB1= -IB2= -20mA
2.5
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com