Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX77 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX77
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX77 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX77 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX77 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDX77 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDX77
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=0.2A ;IB=0
80
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ; IE=0
100
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ; IC=0
5
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.3A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=6A; IB=0.6A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=6A; IB=0.6A
2.0
V
ICEO
Collector cut-off current
VCE=30V ;IB=0;
0.2
mA
ICBO
Collector cut-off current
VCB=40V ;IE=0;Tj=150℃
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.5
mA
hFE
DC current gain
IC=1A ; VCE=2V
30
fT
Transition frequency
IC=0.3A ; VCE=3V
7.0
MHz
VBE
Base-emitter on voltage
IC=3A;VCE=2V
1.5
V
Switching times
ton
Turn-on time
1.0
μs
toff
Turn-off time
IC=2A
IB1=-IB2=0.2A;
4.0
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com