Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX69C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX69C
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX69C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX69C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX69C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BDX69/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX69
60
BDX69A
80
BDX69B
100
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDX69C
IC= 100mA ; L= 25mH
120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20A; IB= 80mA
2.0
V
VBE(on)
Base-Emitter On Voltage
IC= 20A; VCE= 3V
2.5
V
BDX69
VCB= 80V; IE= 0
VCB= 40V; IE= 0; TC=200℃
2.0
10
BDX69A
VCB= 100V; IE= 0
VCB= 50V; IE= 0; TC=200℃
2.0
10
BDX69B
VCB= 120V; IE= 0
VCB= 60V; IE= 0; TC=200℃
2.0
10
ICBO
Collector
Cutoff Current
BDX69C
VCB= 140V; IE= 0
VCB= 70V; IE= 0; TC=200℃
2.0
10
mA
BDX69
VCE= 30V; IB=0
B
BDX69A
VCE= 40V; IB=0
B
BDX69B
VCE= 50V; IB=0
B
ICEO
Collector
Cutoff Current
BDX69C
VCE= 60V; IB=0
B
6.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
10
mA
hFE-1
DC Current Gain
IC= 5A; VCE= 3V
3000
hFE-2
DC Current Gain
IC= 20A; VCE= 3V
1000
hFE-3
DC Current Gain
IC= 30A; VCE= 3V
4000
COB
Output Capacitance
IE= 0 ; VCB= 10V, ftest= 1.0MHz
600
pF
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com