Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX87C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX87C
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX87C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX87C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX87C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BDX87/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX87
45
BDX87A
60
BDX87B
80
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDX87C
IC= 100mA; IB= 0
100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 6A; IB= 24mA
B
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 12A; IB= 120mA
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 12A; IB= 120mA
4.0
V
VBE(on)
Base-Emitter On Voltage
IC= 6A; VCE= 3V
2.8
V
BDX87
VCB= 45V; IE= 0
VCB= 45V; IE= 0; TC= 150℃
0.5
5.0
BDX87A
VCB= 60V; IE= 0
VCB= 60V; IE= 0; TC= 150℃
0.5
5.0
BDX87B
VCB= 80V; IE= 0
VCB= 80V; IE= 0; TC= 150℃
0.5
5.0
ICBO
Collector
Cutoff Current
BDX87C
VCB= 100V; IE= 0
VCB= 100V; IE= 0; TC= 150℃
0.5
5.0
mA
BDX87
VCE= 22V; IB= 0
B
BDX87A
VCE= 30V; IB= 0
B
BDX87B
VCE= 40V; IB= 0
B
ICEO
Collector
Cutoff Current
BDX87C
VCE= 50V; IB= 0
B
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2.0
mA
hFE-1
DC Current Gain
IC= 5A; VCE= 3V
1000
hFE-2
DC Current Gain
IC= 6A; VCE= 3V
750
18000
hFE-3
DC Current Gain
IC= 12A; VCE= 3V
100
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com