Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX94 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX94
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX94 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX94 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX94 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BDX92/94/96
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX92
-45
BDX94
-60
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BDX96
IC= -30mA ;IB=0
B
-80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
B
-0.8
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -5A; IB= -1A
B
-1.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
B
-1.5
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -5A; IB= -1A
B
-2.0
V
VBE(on)
Base-Emitter On Voltage
IC= -3A; VCE= -2V
-1.4
V
BDX92
VCB= -60V; IE= 0
VCB= -30V; IE= 0; TC= 150℃
-0.1
-2.0
BDX94
VCB= -80V; IE= 0
VCB= -40V; IE= 0; TC= 150℃
-0.1
-2.0
ICBO
Collector
Cutoff Current
BDX96
VCB= -100V; IE= 0
VCB= -50V; IE= 0; TC= 150℃
-0.1
-2.0
mA
BDX92
VCE= -60V;IB= 0
BDX94
VCE= -80V;IB= 0
ICEO
Collector
Cutoff Current
BDX96
VCE= -100V;IB= 0
-0.2
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.1
mA
hFE-1
DC Current Gain
IC= -3A; VCE= -2V
20
hFE-2
DC Current Gain
IC= -5A; VCE= -2V
10
fT
Current-Gain—Bandwidth Product
IC= -1A; VCE= -10V
4
MHz
Switching times
ton
Turn-on Time
1.0
μs
toff
Turn-off Time
IC= -3A; IB1= -IB2= -0.3A
2.0
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com