Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDY92 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDY92
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDY92 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDY92 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDY92 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDY92
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA ;IB= 0
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
0.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1A
1.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
1.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 10A; IB= 1A
1.5
V
ICBO
Collector Cutoff Current
VCB=80V; IE=0
1.0
mA
ICEV
Collector Cutoff Current
VCE=80V;VBE=-1.5V
VCE=80V;VBE=-1.5V;TC=150℃
1.0
3.0
mA
IEBO
Emitter Cutoff current
VEB=6V; IC=0
1.0
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 2V
30
hFE-2
DC Current Gain
IC= 5A ; VCE= 5V
30
120
hFE-3
DC Current Gain
IC= 10A ; VCE= 5V
20
fT
Current-Gain—Bandwidth Product
IC= 0.5 A;VCE= 5V;ftest = 5MHz
70
MHz
Switching Times
ton
Turn-On Time
0.35
μs
tstg
Storage Time
1.3
μs
tf
Fall Time
IC= 5A; IB1= -IB2= 0.5A,
VCC=30V
0.2
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com