Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU323AP Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU323AP
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU323AP Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU323AP Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU323AP Datasheet HTML 2Page - Inchange Semiconductor Company Limited BU323AP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU323AP
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A; IB=0;L=10mH
400
V
VCER(SUS)
Collector-emitter sustaining voltage
IC=3A; RBE=100Ω;L=500μH
475
V
VCEsat-1
Collector-emitter saturation voltage
IC=3 A;IB=60mA
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=6A;IB=120m A
1.7
V
VCEsat-3
Collector-emitter saturation voltage
IC=10A;IB=300m A
2.7
V
VBEsat-1
Base-emitter saturation voltage
IC=6A;IB=120m A
2.2
V
VBEsat-2
Base-emitter saturation voltage
IC=10A;IB=300m A
3
V
ICER
Collector cut-off current
VCE=Rated;VBE=100Ω
1
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
40
mA
ICBO
Collector cut-off current
VCB=Rated; IE=0
1
mA
hFE-1
DC current gain
IC=3A ; VCE=6V
300
550
hFE-2
DC current gain
IC=6A ; VCE=6V
150
350
2000
hFE-3
DC current gain
IC=10A ; VCE=6V
50
150
VBE
Base-emitter on voltage
IC=10A ; VCE=6V
2.5
V
VF
Diode forward voltage
IF=10A
2
3.5
V
Cob
Output capacitance
VCB=10V,IE=0;fT=100kHz
165
350
pF
Switching times
ts
Storage time
7.5
15
μs
tf
Fall time
IC=6A ;
IB1=IB2=0.3A
VCC=12V ;
5.2
15
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com