Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU931P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU931P
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU931P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU931P Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU931P Datasheet HTML 2Page - Inchange Semiconductor Company Limited BU931P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU931P
CHARACT ERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1 A ;IB=0;L=10mH
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=7A ;IB=0.07A
1.6
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A; IB=0.1 A
1.8
V
VCEsat-3
Collector-emitter saturation voltage
IC=10A; IB=0.25 A
1.8
V
VBEsat-1
Base-emitter saturation voltage
IC=7A ;IB=0.07A
2.2
V
VBEsat-2
Base-emitter saturation voltage
IC=8A; IB=0.1 A
2.4
V
VBEsat-3
Base-emitter saturation voltage
IC=10A; IB=0.25 A
2.5
V
ICES
Collector cut-off current
VCE =500V; VBE=0;
Tj=125℃
0.1
0.5
mA
ICEO
Collector cut-off current
VCE =450V; IB=0;
Tj=125℃
0.1
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
20
mA
hFE
DC current gain
IC=5A ; VCE=10V
300
VF
Diode forward voltage
IF=10A
2.5
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com