Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLI Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GLI
Description  Capacitors for Power Electronics (PEC) - Cylindrical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLI Datasheet(HTML) 2 Page - Vishay Siliconix

  GLI Datasheet HTML 1Page - Vishay Siliconix GLI Datasheet HTML 2Page - Vishay Siliconix GLI Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 13021
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 15-Feb-11
11
GLI
Capacitors for Power Electronics
(PEC) - Cylindrical
Vishay ESTA
DIMENSIONS in millimeters
Drawing 1
GLI...-...B
Drawing 2
GLI...-...I
Note
• Other voltage, current and capacitance values are available on request
5 ± 0.5
2 ± 0.5
45 ± 1
20 ± 1
H ± 1
71.4
88
Ø 84
Ø 5.5 ± 0.5
101
±
0.5
88
Ø 84
Ø 5.5 ± 0.5
101
±
0.5
5 ± 0.5
3 ± 0.5
45 ± 1
H ± 1
TYPE DESCRIPTION
TYPE
GLI...-... B/I
CN
[μF]
VOLTAGE
VDC
RS
[m
]
RTH
[K/W]
IMAX.
[A]
IP
[kA]
Î
[kA]
HEIGHT
[mm]
D
[mm]
WEIGHT
[kg]
PACKAGING
UNIT
DRAWING
NO.
GLI 700, UNDC = 700 V, UN = 495 V
700-35
35
700
0.4
6.4
80.0
0.98
2.94
38
84
0.2
4
1 and 2
700-160
160
700
0.6
6.0
60.0
1.28
3.84
56
84
0.3
4
1 and 2
700-230
230
700
0.8
5.6
50.0
1.33
4.01
68
84
0.4
4
1 and 2
GLI 900, UNDC = 900 V, UN = 635 V
900-25
25
900
0.4
6.5
80.0
0.82
2.46
38
84
0.2
4
1 and 2
900-100
100
900
0.7
6.1
55.0
1.00
3.00
56
84
0.3
4
1 and 2
900-150
150
900
0.9
5.7
50.0
1.09
3.27
68
84
0.4
4
1 and 2
GLI 1100, UNDC = 1100 V, UN = 775 V
1100-15
15
1100
0.5
6.7
60.0
0.63
1.89
38
84
0.2
4
1 and 2
1100-75
75
1100
0.8
6.2
55.0
0.90
2.70
56
84
0.3
4
1 and 2
1100-100
100
1100
1.0
5.8
50.0
0.87
2.61
68
84
0.6
4
1 and 2
GLI 1250, UNDC = 1250 V, UN = 1250 V
1250-50
50
1250
1.0
6.3
50.0
0.70
2.10
56
84
0.3
4
1 and 2
1250-75
75
1250
1.2
5.9
47.0
0.76
2.28
68
84
0.4
4
1 and 2
GLI 1450, UNDC = 1450 V, UN = 1025 V
1450-40
40
1450
1.0
6.4
48.0
0.64
1.92
56
84
0.3
4
1 and 2
1450-60
60
1450
1.2
5.9
45.0
0.70
2.10
68
84
0.4
4
1 and 2
GLI 1800, UNDC = 1800 V, UN = 1270 V
1800-25
25
1800
1.2
6.5
43.0
0.50
1.50
56
84
0.3
4
1 and 2
1800-35
35
1800
1.6
6.1
38.0
0.50
1.52
68
84
0.4
4
1 and 2
GLI 2150, UNDC = 2150 V, UN = 1520 V
2150-18
18
2150
1.4
6.6
40.0
0.43
1.29
56
84
0.3
4
1 and 2
2150-25
25
2150
1.8
6.1
35.0
0.43
1.30
68
84
0.4
4
1 and 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com