Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP3003 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SMP3003
Description  General-Purpose Switching Device Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMP3003 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SMP3003_11 Datasheet HTML 1Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 2Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 3Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 4Page - Sanyo Semicon Device SMP3003_11 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMP3003
No. A1655-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--75
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--75V, VGS=0V
--10
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--50A
140
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--50A, VGS=--10V
6.2
8.0
mΩ
RDS(on)2
ID=--50A, VGS=--4V
8.0
11
mΩ
Input Capacitance
Ciss
VDS=--20V, f=1MHz
13400
pF
Output Capacitance
Coss
1000
pF
Reverse Transfer Capacitance
Crss
740
pF
Turn-ON Delay Time
td(on)
See Fig.2
95
ns
Rise Time
tr
1000
ns
Turn-OFF Delay Time
td(off)
800
ns
Fall Time
tf
820
ns
Total Gate Charge
Qg
VDS=--48V, VGS=--10V, ID=--100A
280
nC
Gate-to-Source Charge
Qgs
50
nC
Gate-to-Drain “Miller” Charge
Qgd
55
nC
Diode Forward Voltage
VSD
IS=--100A, VGS=0V
--1.0
--1.5
V
Reverse Recovery Time
trr
See Fig.3
IS=--100A, VGS=0V, di/dt=--100A/μs
120
ns
Reverse Recovery Charge
Qrr
380
nC
Fig.1 Avalanche Resistance Test Circuit
Fig.2 Switching Time Test Circuit
Fig.3 Reverse Recovery Time Test Circuit
50Ω
0V
--10V
≥50Ω
RG
VDD
L
SMP3003
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --50A
RL=0.96Ω
VDD= --48V
VOUT
VIN
0V
--10V
VIN
SMP3003
VDD
SMP3003
L
Driver MOSFET
G
S
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com