Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSOT05 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSOT05
Description  Single-Line ESD-Protection in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT05 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSOT05 Datasheet HTML 1Page - Vishay Siliconix GSOT05 Datasheet HTML 2Page - Vishay Siliconix GSOT05 Datasheet HTML 3Page - Vishay Siliconix GSOT05 Datasheet HTML 4Page - Vishay Siliconix GSOT05 Datasheet HTML 5Page - Vishay Siliconix GSOT05 Datasheet HTML 6Page - Vishay Siliconix GSOT05 Datasheet HTML 7Page - Vishay Siliconix GSOT05 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 85807
2
Rev. 2.0, 22-Jul-10
GSOT03 to GSOT36
Vishay Semiconductors
Single-Line ESD-Protection in
SOT-23
PACKAGE DATA
DEVICE
NAME
PACKAGE
NAME
TYPE
CODE
ENVIRONMENTAL
STATUS
WEIGHT
MOLDING
COMPOUND
FLAMMABILITY
RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
GSOT03
SOT-23
03
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
03G
Green
8.1 mg
GSOT04
SOT-23
04
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
04G
Green
8.1 mg
GSOT05
SOT-23
05
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
05G
Green
8.1 mg
GSOT08
SOT-23
08
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
08G
Green
8.1 mg
GSOT12
SOT-23
12
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
12G
Green
8.1 mg
GSOT15
SOT-23
15
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
15G
Green
8.1 mg
GSOT24
SOT-23
24
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
24G
Green
8.1 mg
GSOT36
SOT-23
36
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
36G
Green
8.1 mg
ABSOLUTE MAXIMUM RATINGS GSOT03
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
30
A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
369
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C
ABSOLUTE MAXIMUM RATINGS GSOT04
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
30
A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
429
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com