Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4525AX Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU4525AX
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU4525AX Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU4525AX Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU4525AX Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU4525AX
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA ; IB= 0,L= 25mH
800
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
7.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 9A; IB= 2.25A
B
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 9A; IB= 2.25A
B
1.06
V
ICES
Collector Cutoff Current
VCE= 1500V; VBE= 0
VCE= 1500V; VBE= 0; TC=125℃
1.0
2.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 5V
12
hFE-2
DC Current Gain
IC= 9A; VCE= 5V
4.2
7.6
Switching times (16kHz line deflection circuit)
tstg
Storage Time
4.5
μs
tf
Fall Time
IC= 9A, IB1= 1.8A; IB2= -4.5A
0.55
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com