Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL38D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL38D
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL38D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL38D Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL38D Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUL38D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUL38D
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; L=25mH
450
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA; IC=0
9
VCEsat-1
Collector-emitter saturation voltage
IC=1A ;IB=0.2A
0.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=2A ;IB=0.4A
0.7
V
VCEsat-3
Collector-emitter saturation voltage
IC=3A ;IB=0.75A
1.1
V
VBEsat-1
Base-emitter saturation voltage
IC=1A ;IB=0.2A
1.1
V
VBEsat-2
Base-emitter saturation voltage
IC=2A ;IB=0.4A
1.2
V
ICES
Collector cut-off current
VCE=800V; VBE=0
TC=125℃
100
500
μA
ICEO
Collector cut-off current
VCE=450V; IB=0
250
μA
hFE-1
DC current gain
IC=10mA ; VCE=5V
10
hFE-2
DC current gain
IC=0.5A ; VCE=5V
60
hFE-3
DC current gain
IC=2A ; VCE=5V
13
32
VF
Diode forward voltage
IC=2A
1.5
V
Switching times resistive load
ts
Storage time
1.0
2.2
μs
tf
Fall time
VCC=150V ,IC=2.5A
IB1=-IB2=0.5A;tp=30μs
0.8
μs
hFE-1 classifications
A
B
13-23
22-32



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com