Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL52B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL52B
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL52B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL52B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL52B Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUL52B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BUL52B
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=10mA ;IB=0
400
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ;IE=0
800
V
V(BR)EBO
Emitter-base breakdwon voltage
IE=1mA ;IC=0
10
V
VCEsat-1
Collector-emitter saturation voltage
IC=0.1A ;IB=20mA
0.1
V
VCEsat-2
Collector-emitter saturation voltage
IC=1A; IB=0.2A
0.2
V
VCEsat-3
Collector-emitter saturation voltage
IC=2A; IB=0.4A
0.3
V
VCEsat-4
Collector-emitter saturation voltage
IC=3A; IB=0.6A
0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=1A; IB=0.2A
1.0
V
VBEsat-2
Base-emitter saturation voltage
IC=2A ;IB=0.4A
1.1
V
VBEsat-3
Base-emitter saturation voltage
IC=3A ;IB=0.6A
1.2
V
ICBO
Collector cut-off current
VCB=800V; IE=0
TC=125℃
10
100
μA
ICEO
Collector cut-off current
VCE=400V; IB=0
100
μA
IEBO
Emitter cut-off current
VEB=9V; IC=0
TC=125℃
10
100
μA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
20
hFE-2
DC current gain
IC=1A ; VCE=5V
15
45
hFE-3
DC current gain
IC=3A ; VCE=1V
TC=125℃
10
5
fT
Transition frequency
IC=0.2A ; VCE=4V
20
MHz
Cob
Output capacitance
VCB=20V ;f=1MHz
40
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com