Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL310FP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUL310FP
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL310FP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUL310FP Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL310FP Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUL310FP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BUL310FP
DESCRIPTION
・
・With TO-220F package
・High voltage,high speed
・Wide area of safe operation
APPLICATIONS
・Electronic ballasts for fluorescent lighting
・Switch mode power supplies
・Flyback and forward single transistor
low power converters
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
1000
V
VCEO
Collector-emitter voltage
Open base
500
V
VEBO
Emitter-base voltage
Open collector
9
V
IC
Collector current (DC)
5
A
ICM
Collector current-Peak
tp<5ms
10
A
IB
Base current (DC)
3
A
IBM
Base current-Peak
tp<5ms
4
A
Ptot
Total power dissipation
TC=25℃
36
W
Tj
Maximum operating junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-case
Thermal resistance junction to case
3.5
℃/W
Fig.1 simplified outline (TO-220F) and symbol


Similar Part No. - BUL310FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL310FP STMICROELECTRONICS-BUL310FP Datasheet
72Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-1998
BUL310FP STMICROELECTRONICS-BUL310FP Datasheet
211Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
logo
Savantic, Inc.
BUL310FP SAVANTIC-BUL310FP Datasheet
214Kb / 3P
Silicon NPN Power Transistors
BUL310FP SAVANTIC-BUL310FP Datasheet
215Kb / 3P
Silicon NPN Power Transistors
logo
STMicroelectronics
BUL310FP STMICROELECTRONICS-BUL310FP_03 Datasheet
211Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
More results

Similar Description - BUL310FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com