Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL510 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL510
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL510 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL510 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL510 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUL510 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUL510
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA ; IB=0; L=25mH
450
V
V(BR)EBO
Emitter-base breakdwon voltage
IE=10mA ;IC=0
9
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.6A
0.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A ;IB=0.8A
1.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=5A ;IB=1.25A
1.5
V
VBEsat-1
Base-emitter saturation voltage
IC=3A ;IB=0.6A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=5A; IB=1.25A
1.5
V
ICES
Collector cut-off current
VCE=1000V; VBE=0
TC=125℃
100
500
μA
ICEO
Collector cut-off current
VCE=450V; IB=0
250
μA
hFE-1
DC current gain
IC=1A ; VCE=5V
15
45
hFE-2
DC current gain
IC=10mA ; VCE=5V
10
Switching times inductive load
ts
Storage time
3.4
μs
tf
Fall time
IC=4A ;VCL=300V
IB1 =0.8A;IB2=-1.6A
L=200μH
0.15
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com