Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL810 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL810
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL810 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL810 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL810 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUL810
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA ; L= 25mH
450
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 10mA; IC= 0
9
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A ;IB= 1A
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 8A ;IB= 1.6A
1.5
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 12A ;IB= 2.4A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A ;IB= 1A
1.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A ;IB= 1.6A
1.6
V
ICES
Collector Cutoff Current
VCE=1000V; VBE= 0;
VCE=1000V; VBE= 0;TC=125℃
0.1
0.5
mA
ICEO
Collector Cutoff Current
VCE= 450V; IB= 0
0.25
mA
hFE-1
DC Current Gain
IC= 5A ; VCE= 5V
10
40
hFE-2
DC Current Gain
IC= 10mA ; VCE= 5V
10
Switching Times
(inductive load)
ts
Storage Time
1.5
2.3
μs
tf
Fall Time
IC= 8A ;IB1= 1.6A;VBE(off)= -5V
RBB= 0.4Ω, VCL= 350V,
L= 200μH
55
110
ns
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com