Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP23BF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUP23BF
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUP23BF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUP23BF Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUP23BF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUP23BF/CF
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 400V (Min)-BUP23BF
450V (Min)-BUP23CF
·High Switching Speed
APPLICATIONS
·Designed for use in converters, inverters, switching
regulators, motor control systems etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BUP23BF
750
VCES
Collector- Emitter
Voltage(VBE= 0)
BUP23CF
850
V
BUP23BF
400
VCEO
Collector-Emitter
Voltage
BUP23CF
450
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current- Continuous
15
A
ICM
Collector Current-Peak
30
A
IB
B
Base Current- Continuous
6
A
IBM
Base Current-Peak
9
A
PC
Collector Power Dissipation
@ TC=25℃
37
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.4
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
35
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BUP23BF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUP23B ISC-BUP23B Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BUP23BF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com