Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT76 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUT76
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUT76 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUT76 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUT76 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUT76 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUT76 BUT76A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUT76
400
V(BR)CEO
Collector-emitter
breakdown voltage
BUT76A
IC=500mA ;LC=125mH
450
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
6
V
BUT76
IC=6A ;IB=1.2A
VCEsat
Collector-emitter
saturation voltage
BUT76A
IC=5A ;IB=1A
1.5
V
BUT76
IC=6A ;IB=1.2A
VBEsat
Base-emitter
saturation voltage
BUT76A
IC=5A ;IB=1A
1.6
V
BUT76
VCE=850V; VBE=0
Tj=150℃
0.5
2.0
ICES
Collector
cut-off current
BUT76A
VCE=1000V; VBE=0
Tj=150℃
0.5
2.0
mA
hFE
DC current gain
IC=8A ; VCE=3V
3.2
COB
Output capacitance
IE=0 ;VCB=10V;f=1MHz
150
pF
fT
Transition frequency
IC=1A ;VCE=10V
7
MHz
Switching times resistive load
ton
Turn-on time
1.0
μs
ts
Storage time
3.0
μs
tf
Fall time
For BUT76
IC=6A ;IB1=-IB2=1.2A;VCE=150V
For BUT76A
IC=5A ;IB1=-IB2=1A;VCE=150V
0.8
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com