Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV23 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV23
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV23 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV23 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV23 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUV23 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUV23
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A; IB=0;L=25mH
325
V
V(BR)EBO
Emitter-base breakdown voltage
IE=50mA; IC=0
7
V
VCEsat-1
Collector-emitter saturation voltage
IC=8 A;IB=1.6A
0.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=16 A;IB=3.2 A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=16 A;IB=3.2 A
1.5
V
ICEX
Collector cut-off current
VCE=400V;VBE=-1.5V
TC=125℃
3.0
12
mA
ICEO
Collector cut-off current
VCE=260V;IB=0
3
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=8A ; VCE=4V
15
60
hFE-2
DC current gain
IC=16A ; VCE=4V
8
fT
Transition frequency
IC=2A ; VCE=15V; f=4MHz
8.0
MHz
Switching times
ton
Turn-on time
0.8
μs
ts
Storage time
2.5
μs
tf
Fall time
IC=16A ;IB1=-IB2=3.2A
VCC=100V ;RC=6.25Ω
0.4
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com