Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV26 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV26
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV26 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV26 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV26 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUV26 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUV26
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2 A ;IB=0;L=25mH
90
V
VCEsat-1
Collector-emitter saturation voltage
IC=6A ;IB=0.6 A
0.6
V
VCEsat-2
Collector-emitter saturation voltage
IC=12A; IB=1.2A
1.5
V
VBEsat-1
Base-emitter saturation voltage
IC=6A ;IB=0.6 A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=12A; IB=1.2A
2.0
V
ICEX
Collector cut-off current
VCE =180V;VBE =-1.5V;Tj=125℃
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
Switching times resistive load
ton
Turn-on time
0.4
0.6
ms
ts
Storage time
0.45
1.0
μs
tf
Fall time
IC=12A;IB1=1.2A; IB2=2.4A
VCC =50V
0.12
0.25
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com