Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TND027SW
Description  Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND027SW Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TND027SW Datasheet HTML 1Page - Sanyo Semicon Device TND027SW Datasheet HTML 2Page - Sanyo Semicon Device TND027SW Datasheet HTML 3Page - Sanyo Semicon Device TND027SW Datasheet HTML 4Page - Sanyo Semicon Device TND027SW Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TND027SW
No.7437-1/5
Features
•
N-channel MOSFET built in
•
Overheat protection (Self recovery type)
•
Overcurrent protection (Self recovery type current limiting function)
•
Overvoltage protection
•
Incorporates two sets of circuit
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDS
60
V
Output Current
IO(DC)
1.5
A
Input Voltage
VIN
--0.3 to +10
V
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1200mm2×0.8mm) Iunit
1.3
W
When mounted on ceramic substrate (1200mm2×0.8mm)
1.7
W
Operating Supply Voltage
VDS(opr)
40
V
Operating Temperature
Topr
--40 to +85
°C
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7005A-005
IN
GND(S)
OUT(D)
Overvoltage
protective circuit
Overcurrent
protective
circuit
Output current
control
Overheat
protective
circuit
ESD
protective
circuit
Gate
shutdown
circuit
Ordering number : EN7437C
O2611 TKIM/D2607IP TIIM TC-00001114/O2203 TSIM/51503 TSIM TA-100479
SANYO Semiconductors
DATA SHEET
TND027SW
ExPD(Excellent Power Device)
Lowside Power Switch Lamp-, Solenoid-,
and Motor-Driving Applications
http://semicon.sanyo.com/en/network
1 : GND1
2 : IN1
3 : GND2
4 : IN2
5 : OUT2
6 : OUT2
7 : OUT1
8 : OUT1
SANYO : SOP8
5.0
0.2
0.1
0.43
1.27
14
5
8
Product & Package Information
• Package
: SOP8
• JEITA, JEDEC
: SC-87, SOT-96
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TL
Marking
Block Diagram
TL
TND
LOT No.
027


Similar Part No. - TND027SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
logo
ON Semiconductor
TND027SW ONSEMI-TND027SW Datasheet
355Kb / 9P
Excellent Power Device
August, 2013
More results

Similar Description - TND027SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND017MP SANYO-TND017MP Datasheet
51Kb / 5P
Lowside Power Switch Lamp, Solenoid, and Motor-Driving Applications
TND020F SANYO-TND020F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND024F SANYO-TND024F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND012NM SANYO-TND012NM Datasheet
41Kb / 4P
Lamp, solenoid, and motor-driving Applications
TND027MP SANYO-TND027MP Datasheet
33Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
TND017MP SANYO-TND017MP_07 Datasheet
78Kb / 6P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP_08 Datasheet
58Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com