Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV46A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV46A
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV46A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV46A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV46A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUV46A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUV46 BUV46A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUV46
400
VCEO(SUS)
Collector-emitter
sustaining voltage
BUV46A
IC=0.1A ;IB=0
450
V
BUV46
IC=2.5A ;IB=0.5A
VCEsat-1
Collector-emitter
saturation voltage
BUV46A
IC=2A ;IB=0.4A
1.5
V
BUV46
IC=3.5A ;IB=0.7A
VCEsat-2
Collector-emitter
saturation voltage
BUV46A
IC=3A ;IB=0.6A
5.0
V
BUV46
IC=2.5A; IB=0.5A
VBEsat
Base-emitter
saturation voltage
BUV46A
IC=2A; IB=0.4A
1.3
V
ICER
Collector cut-off current
VCE =VCEX; RBE =10 Ω
TC=125℃
0.1
1.0
mA
ICEX
Collector cut-off current
VCE =VCEX ;VBE = -2.5 V
TC=125℃
0.3
2.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
1.0
mA
Switching times
ton
Turn-on time
1.0
μs
ts
Storage time
3.0
μs
tf
Fall time
For BUV46
IC=2.5A;IB1=-IB2=0.5A;VCC=150V
For BUV46A
IC=2A;IB1=-IB2=0.4A;VCC=150V
0.8
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com