Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW13 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUW13
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUW13 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUW13 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUW13 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUW13 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUW13 BUW13A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUW13
400
VCEO(SUS)
Collector-emitter
sustaining voltage
BUW13A
IC=0.1A ; IB=0; L=25mH
450
V
BUW13
IC=10A; IB=2A
VCEsat
Collector-emitter
saturation voltage
BUW13A
IC=8A; IB=1.6A
1.5
V
BUW13
IC=10A; IB=2A
VBEsat
Base-emitter
saturation voltage
BUW13A
IC=8A; IB=1.6A
1.6
V
ICES
Collector cut-off current
VCE=Rated VCES; VBE=0
TC=125℃
1.0
4.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
10
mA
hFE-1
DC current gain
IC=20mA ; VCE=5V
10
35
hFE-2
DC current gain
IC=1.5A ; VCE=5V
10
35
Switching times
resistive load
ton
Turn-on time
1.0
μs
ts
Storage time
4.0
μs
tf
Fall time
For BUW13
IC=10A ;IB1=-IB2=2A
For BUW13A
IC=8A ;IB1=-IB2=1.6A
0.8
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com