Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD024 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # IRFD024
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD024 Datasheet(HTML) 8 Page - Vishay Siliconix

  IRFD024 Datasheet HTML 1Page - Vishay Siliconix IRFD024 Datasheet HTML 2Page - Vishay Siliconix IRFD024 Datasheet HTML 3Page - Vishay Siliconix IRFD024 Datasheet HTML 4Page - Vishay Siliconix IRFD024 Datasheet HTML 5Page - Vishay Siliconix IRFD024 Datasheet HTML 6Page - Vishay Siliconix IRFD024 Datasheet HTML 7Page - Vishay Siliconix IRFD024 Datasheet HTML 8Page - Vishay Siliconix IRFD024 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 91361
www.vishay.com
Revision: 06-Sep-10
1
Package Information
Vishay Siliconix
HVM DIP (High voltage)
Note
1. Package length does not include mold flash, protrusions or gate burrs. Package width does not include interlead flash or protrusions.
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.310
0.330
7.87
8.38
E
0.300
0.425
7.62
10.79
L
0.270
0.290
6.86
7.36
ECN: X10-0386-Rev. B, 06-Sep-10
DWG: 5974
0.248 [6.29]
0.240 [6.10]
0.197 [5.00]
0.189 [4.80]
0.024 [0.60]
0.020 [0.51]
0.160 [4.06]
0.140 [3.56]
0.180 [4.57]
0.160 [4.06]
4 x
0.100 [2.54] typ.
A
L
0.045 [1.14]
0.035 [0.89]
2 x
0.043 [1.09]
0.035 [0.89]
0.094 [2.38]
0.086 [2.18]
0.017 [0.43]
0.013 [0.33]
0° to 15°
2 x
E min.
E max.
0.133 [3.37]
0.125 [3.18]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com