Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW40 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUW40
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUW40 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUW40 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUW40 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUW40/A/B
isc Website:www.iscsemi.cn
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 300V(Min)- BUW40
= 350V(Min)- BUW40A
= 400V(Min)- BUW40B
·High Switching Speed
·High Power Dissipation
APPLICATIONS
·Designed for high voltage and switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BUW40
450
BUW40A
550
VCEV
Collector-Emitter Voltage
VBE= -1.5V
BUW40B
650
V
BUW40
300
BUW40A
350
VCEO(SUS)
Collector-Emitter Voltage
BUW40B
400
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
1
A
ICM
Collector Current-Peak
2
A
PC
Collector Power Dissipation@TC=25℃
40
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃


Similar Part No. - BUW40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUW40A ISC-BUW40A Datasheet
189Kb / 2P
isc Silicon NPN Power Transistor
BUW40B ISC-BUW40B Datasheet
189Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUW40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com