Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX32 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUX32
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX32 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUX32 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX32 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUX32/A/B
DESCRIPTION
·High Switching Speed
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 400V (Min)-BUX32
= 450V (Min)-BUX32A
= 450V (Min)-BUX32B
·Low Saturation Voltage
APPLICATIONS
·Designed for off-line power supplies and are also well suited
for use in a wide range of inverter
or converter circuits and
pulse-width-modulated regulators.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
BUX32
800
BUX32A
900
VCES
Collector- Emitter
Voltage(VBE= 0)
BUX32B
1000
V
BUX32
400
BUX32A
450
VCEO
Collector-Emitter
Voltage
BUX32B
500
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
10
A
IB
B
Base Current-Continuous
5
A
PC
Collector Power Dissipation
@TC=25℃
150
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.0
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BUX32

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUX32 SEME-LAB-BUX32 Datasheet
11Kb / 1P
Bipolar NPN Device
logo
Inchange Semiconductor ...
BUX32A ISC-BUX32A Datasheet
185Kb / 2P
isc Silicon NPN Power Transistor
logo
Seme LAB
BUX32B SEME-LAB-BUX32B Datasheet
11Kb / 1P
Bipolar NPN Device
logo
Inchange Semiconductor ...
BUX32B ISC-BUX32B Datasheet
185Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUX32

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com