Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX84 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX84
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX84 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX84 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX84 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUX84 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUX84 BUX85
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUX84
400
V(BR)CEO
Collector-emitter
breakdown voltage
BUX85
IC=100mA ; IB=0;L=25mH
450
V
VCEsat-1
Collector-emitter saturation voltage
IC=0.3A ;IB=0.03A
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=1A ;IB=0.2A
3.0
V
VBEsat
Base-emitter saturation voltage
IC=1A ;IB=0.2A
1.1
V
BUX84
VCES=800V; VBE=0
Tj=125℃
1.0
1.5
ICES
Collector cut-off current
BUX85
VCES=1000V; VBE=0
Tj=125℃
0.2
1.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
20
100
hFE-2
DC current gain
IC=0.5A ; VCE=5V
15
fT
Transition frequency
IC=0.2A ;VCE=10V;f=1.0MHz
20
MHz
Switching times
ton
Turn-on time
0.2
0.5
μs
ts
Storage time
2
3.5
μs
tf
Fall time
IC=1A ;VCC=250V
IB1=0.2A;IB2=-0.4A
0.4
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com