Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D44VH Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # D44VH
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44VH Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  D44VH Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44VH Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
D44VH Series
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
D44VH 1
30
D44VH 4
45
D44VH 7
60
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
D44VH 10
IC= 25mA ;IB= 0
B
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 8A ;IB= 0.4A
0.4
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 15A ;IB= 3A;TC=100℃
0.8
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A ;IB= 0.4A
IC= 8A ;IB= 0.4A;TC=100℃
1.2
1.1
V
ICEV
Collector Cutoff Current
VCE=RatedVCE;VBE(off)=4V
VCE=RatedVCE;VBE(off)=4V;TC=100℃
10
100
μA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
10
μA
hFE-1
DC Current Gain
IC= 2A ; VCE= 1V
35
hFE-2
DC Current Gain
IC= 4A ; VCE= 1V
20
COB
Output Capacitance
IE= 0;VCB= 10V,ftest= 1.0MHz
120
pF
fT
Current-Gain—Bandwidth Product
IC= 0.1A;VCE= 10V;ftest= 20MHz
50
MHz
Switching Times
td
Delay Time
50
ns
tr
Rise Time
250
ns
ts
Storage Time
700
ns
tf
Fall Time
IC= 8A; IB1= -IB2= 0.8A
VCC= 20V
90
ns
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com