Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D45C
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D45C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D45C Datasheet HTML 1Page - Inchange Semiconductor Company Limited D45C Datasheet HTML 2Page - Inchange Semiconductor Company Limited D45C Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
D45C Series
DESCRIPTION
・With TO-220 package
・Complement to type D44C Series
・Very low collector saturation voltage
・Fast switching
APPLICATIONS
・Designed for various specific and
general purpose application
・Shunt and switching regulators
・Low and high frequency inverters
converters and etc.
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
D45C1,2,3
-40
D45C4,5,6
-55
D45C7,8,9
-70
VCBO
Collector-base voltage
D45C10,11,12
Open emitter
-90
V
D45C1,2,3
-30
D45C4,5,6
-45
D45C7,8,9
-60
VCEO
Collector-emitter voltage
D45C10,11,12
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current (DC)
-4
A
ICM
Collector current -peak
-6
A
IB
Base current (DC)
-1
A
PD
Total power dissipation
TC=25℃
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-220) and symbol


Similar Part No. - D45C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
logo
Savantic, Inc.
D45C SAVANTIC-D45C Datasheet
92Kb / 3P
Silicon PNP Power Transistors
D45C SAVANTIC-D45C Datasheet
94Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
D45C NJSEMI-D45C Datasheet
645Kb / 3P
With TO-220 package
logo
Boca Semiconductor Corp...
D45C1 BOCA-D45C1 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - D45C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com