Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45C1 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # D45C1
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D45C1 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  D45C1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited D45C1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited D45C1 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
D45C Series
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
D45C2,3,5,6,8,9,11,12
IC=-1A ;IB=-50mA
VCEsat
Collector-emitter
saturation voltage
D45C1,4,7,10
IC=-1A ;IB=-0.1A
-0.5
V
VBEsat
Base-emitter saturation voltage
IC=-1A ;IB=-0.1A
-1.3
V
ICES
Collector cut-off current
VCE=Rated VCES
-100
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-10
μA
D45C2,3,5,6,8,9,11,12
40
120
hFE-1
DC current gain
D45C1,4,7,10
IC=-0.2A ; VCE=-1V
25
D45C1,4,7,10
10
D45C2,5,8,11
IC=-1A ; VCE=-1V
20
hFE-2
DC current gain
D45C3,6,9,12
IC=-2A ; VCE=-1V
20
fT
Transition frequency
IC=-20mA;VCE=-4V;
f=1.0MHz
40
MHz
Switching times
tr
Rise time
0.2
μs
ts
Storage time
0.6
μs
tf
Fall time
IC=-1.0A; VCC=-20V
IB1=-IB2=-0.1A
0.3
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com