Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF634 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF634
Description  N-channel mosfet transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF634 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF634 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOSFET
INCHANGE
IRF634
N-channel mosfet transistor
Features
1 2 3
・With TO-220 package
・Simple drive requirements
・Fast switching
・VDSS=250V; RDS(ON)≤0.45Ω;ID=8.1A
・1.gate 2.drain 3.source
Absolute Maximum Ratings Tc=25℃
SYMBOL
PARAMETER
RATING
UNIT
VDSS
Drain-source voltage (VGS=0)
250
V
VGS
Gate-source voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
8.1
A
Ptot
Total Dissipation@TC=25℃
74
W
Tj
Max. Operating Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
TO-220
Electrical Characteristics Tc=25℃
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-source breakdown voltage
VGS=0; ID=0.25mA
250
V
VGS(TH)
Gate threshold voltage
VDS= VGS; ID=0.25mA
2
4
V
RDS(ON)
Drain-source on-stage resistance
VGS=10V; ID=5.1A
450
mΩ
IGSS
Gate source leakage current
VGS=±20V;VDS=0
±100
nA
IDSS
Zero gate voltage drain current
VDS=250V; VGS=0
25
uA
VSD
Diode forward voltage
IF=8.1A; VGS=0
2.0
V


Similar Part No. - IRF634

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
logo
Fairchild Semiconductor
IRF634 FAIRCHILD-IRF634 Datasheet
224Kb / 7P
Advanced Power MOSFET
logo
International Rectifier
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
logo
Vishay Siliconix
IRF634 VISHAY-IRF634 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
STMicroelectronics
IRF634 STMICROELECTRONICS-IRF634 Datasheet
326Kb / 14P
N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
28-Jun-2006
More results

Similar Description - IRF634

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com