Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317K Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LM317K
Description  Adjustable Voltage Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LM317K Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LM317K Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adjustable Voltage Regulator
INCHANGE
LM317K
Features
・With TO-3 package
・1,Adjust 2, Input 3, Output
・Output voltage range :1.2V to 37V
・Output current in excess of 1.5A
Absolute maximum rating
Symbol
Parameter
Value
Unit
Vi -Vo
Input-output voltage differential
40
V
IO
Output current
1.5
A
PD
Power dissipation
Internally limited
W
TOP
Operating junction temperature
0~+125
℃
TSTG
Storage temperature
-65~+125
℃
Electrical characteristics
(Vi -Vo =5V, IO=500mA ,IMAX=1.5A ,PMAX=20W,unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VREF
Reference voltage
Vi -Vo=5V
IO=40mA to 500mA
1.2
1.25
1.3
V
△VO
Line regulation
Vi -Vo=3V to 40V
IO=500mA
0.05
%/ V
△VO
Load regulation
Vi -Vo=5V
IO=10mA to 1.5A
1.0
%
IADJ
Adjustment pin current
Vi -Vo=5V
IO=40mA to 500mA
100
μA
△IADJ
Adjustment pin current
Vi -Vo=3V to 40V
IO=40mA to 500mA
5
μA
△IADJ
Adjustment pin current
Vi -Vo=5V
IO=10mA to 1.5A
5
μA
SVR
Ripple rejection
Vo=10V; IO=500mA;Vi -Vo=5V
f=100Hz, CADJ=10μF
66
dB


Similar Part No. - LM317K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
LM317K STMICROELECTRONICS-LM317K Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
logo
Seme LAB
LM317K SEME-LAB-LM317K Datasheet
301Kb / 7P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Comset Semiconductor
LM317K COMSET-LM317K Datasheet
74Kb / 2P
3-Terminal Positive Adjustable Regulators
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
More results

Similar Description - LM317K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S3ULM317 SECOS-S3ULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
logo
Seme LAB
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317T ISC-LM317T Datasheet
127Kb / 1P
Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_15 Datasheet
267Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com