Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ4032 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ4032
Description  isc Silicon PNP Darlingtion Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ4032 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ4032 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ4032 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlingtion Power Transistor
MJ4032
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO
Collector-Emitter Breakdown Voltage
IC=-100mA; IB= 0
B
-100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC=-10A; IB=-40mA
-2.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC=-16A; IB=-80mA
-4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=-5A; IB=-400mA
-3
V
VBE(on)
Base-Emitter On voltage
IC=-10A ; VCE=-3V
-3
V
ICER
Collector Cutoff Current
VCB=-100V; RBE= 1KΩ;
VCB=-100V; RBE= 1KΩ; TC= 150℃
-1
-5
mA
ICEO
Collector Cutoff current
VCE=-50V; IB=0
-3
mA
IEBO
Emitter Cut-off current
VEB=-5V; IC= 0
-5
mA
hFE
DC Current Gain
IC=-10A ; VCE=-3V
1000
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com