Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16002A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ16002A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ16002A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ16002A Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ16002A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJ16002A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=100mA ; IB=0
500
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC=1.5A; IB= 0.2A
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.4A
B
IC= 3A; IB= 0.4A,T
B
C=100℃
2.5
2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 3A; IB= 0.4A
B
IC= 3A; IB= 0.4A,T
B
C=100℃
1.5
1.5
V
ICEV
Collector Cutoff Current
VCEV=1000V;VBE(off)=1.5V
VCEV=1000V;VBE(off)=1.5V;TC=100℃
0.25
1.5
mA
ICER
Collector Cutoff Current
VCE= 850V; RBE= 50Ω,TC= 100℃
2.5
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
1.0
mA
hFE
DC Current Gain
IC= 5A ; VCE= 5V
5
COB
Output Capacitance
IE= 0; VCB= 10V; ftest=1.0kHz
200
pF
Switching times;Resistive Load
td
Delay Time
30
100
ns
tr
Rise Time
100
300
ns
ts
Storage Time
1000
3000
ns
tf
Fall Time
IC= 3A , VCC= 250V; RB2= 8Ω;
IB1= 0.4A; IB2= 0.8A;PW= 30μs;
Duty Cycle≤2.0%
60
300
ns
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com