Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1100 Datasheet(PDF) 21 Page - Microchip Technology

Part # AR1100
Description  AR1100 Resistive USB and RS-232 Touch Screen Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1100 Datasheet(HTML) 21 Page - Microchip Technology

Back Button AR1100 Datasheet HTML 17Page - Microchip Technology AR1100 Datasheet HTML 18Page - Microchip Technology AR1100 Datasheet HTML 19Page - Microchip Technology AR1100 Datasheet HTML 20Page - Microchip Technology AR1100 Datasheet HTML 21Page - Microchip Technology AR1100 Datasheet HTML 22Page - Microchip Technology AR1100 Datasheet HTML 23Page - Microchip Technology AR1100 Datasheet HTML 24Page - Microchip Technology AR1100 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
 2011 Microchip Technology Inc.
DS41606B-page 21
AR1100 RESISTIVE USB AND RS-232 TOUCH SCREEN CONTROLLER
5.0
COMMANDS
In normal operation, the AR1100 automatically returns
‘touch reports’ in response to a touch – no ‘prompting’
is required from the host. The following command set
can be used to configure the parameters used to
‘fine-tune’ the operation. To prevent touch reports from
interfering with these commands, it is recommended
that TOUCH_DISABLE be executed prior to any other
command(s) and the TOUCH_ENABLE command be
used as the last step to return the AR1100 to normal
operation.
5.1
Summary
Table 5-1 summarizes the standard command set.
Table 5-2 summarizes the STATUS byte in the
RESPONSE packet.
TABLE 5-1:
COMMAND SUMMARY
CMND
NAME
DESCRIPTION
0x12
TOUCH_ENABLE
Enable TOUCH reporting
0x13
TOUCH_DISABLE
Disable TOUCH reporting
0x14
CALIBRATE
Execute Calibrate routine
0x20
REG_READ
Read register(s)
0x21
REG_WRITE
Write register(s)
0x28
EE_READ
Read EE location(s)
0x29
EE_WRITE
Write EE location(s)
0x2B
EE_READ_PARAMS
Read parameter set (from EE to RAM)
0x23
EE_WRITE_PARAMS
Write parameter set (from RAM to EE)
TABLE 5-2:
STATUS SUMMARY
STATUS
NAME
DESCRIPTION
0x00
OK
No error
0x01
UNRECOGNIZED
Unrecognized command
0x04
TIMEOUT
Packet time out
0x05
EEPARAMS_ERR
Error reading EEPROM parameters
0xFC
CAL_CANCEL
Calibration sequence cancelled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com