Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13007 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE13007
Description  Silicon NPN Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE13007 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE13007 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE13007 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE13007 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MJE13007 Datasheet HTML 4Page - Inchange Semiconductor Company Limited MJE13007 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJE13007
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=10mA; IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=2A; IB=0.4A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=5A ;IB=1.0A
TC=100℃
2.0
3.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=8A ;IB=2.0A
3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=2A ;IB=0.4A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=5A ;IB=1.0A
TC=100℃
1.6
1.5
V
ICBO
Collector cut-off current
VCB=700V; IE=0
TC=125℃
0.1
1.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
0.1
mA
hFE-1
DC current gain
IC=2A ; VCE=5V
8
40
hFE-2
DC current gain
IC=5A ; VCE=5V
5
30
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
4
MHz
COB
Collector outoput capacitance
IE=0; f=0.1MHz ; VCB=10V
80
pF
Switching times resistive load
td
Delay time
0.1
μs
tr
Rise time
1.5
μs
ts
Storage time
3.0
μs
tf
Fall time
VCC=125V ,IC=5A
IB1=-IB2=1.0A
tp=25μs
duty cycle≤1%
0.7
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com