Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1503 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F1503
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 7Page - Microchip Technology PIC16F1503 Datasheet HTML 8Page - Microchip Technology PIC16F1503 Datasheet HTML 9Page - Microchip Technology PIC16F1503 Datasheet HTML 10Page - Microchip Technology PIC16F1503 Datasheet HTML 11Page - Microchip Technology PIC16F1503 Datasheet HTML 12Page - Microchip Technology PIC16F1503 Datasheet HTML 13Page - Microchip Technology PIC16F1503 Datasheet HTML 14Page - Microchip Technology PIC16F1503 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 340 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41607A-page 11
PIC16(L)F1503
TABLE 1-2:
PIC16(L)F1503 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN+/DACOUT1/
ICSPDAT
RA0
TTL
CMOS General purpose I/O.
AN0
AN
—
A/D Channel input.
C1IN+
AN
—
Comparator C1 positive input.
DACOUT1
—
AN
Digital-to-Analog Converter output.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
RA1/AN1/VREF+/C1IN0-/C2IN0-/
ICSPCLK
RA1
TTL
CMOS General purpose I/O.
AN1
AN
—
A/D Channel input.
VREF+
AN
—
A/D Positive Voltage Reference input.
C1IN0-
AN
—
Comparator C1 negative input.
C2IN0-
AN
—
Comparator C2 negative input.
ICSPCLK
ST
—
Serial Programming Clock.
RA2/AN2/C1OUT/DACOUT2/
T0CKI/INT/PWM3/CLC1(1)/
CWG1FLT
RA2
ST
CMOS General purpose I/O.
AN2
AN
—
A/D Channel input.
C1OUT
—
CMOS Comparator C1 output.
DACOUT2
—
AN
Digital-to-Analog Converter output.
T0CKI
ST
—
Timer0 clock input.
INT
ST
—
External interrupt.
PWM3
—
CMOS Pulse Width Module source output.
CLC1
—
CMOS Configurable Logic Cell source output.
CWG1FLT
ST
—
Complementary Waveform Generator Fault input.
RA3/CLC1IN0/VPP/T1G(2)/SS(2)/
MCLR
RA3
TTL
—
General purpose input.
CLC1IN0
ST
—
Configurable Logic Cell source input.
VPP
HV
—
Programming voltage.
T1G
ST
—
Timer1 Gate input.
SS
ST
—
Slave Select input.
MCLR
ST
—
Master Clear with internal pull-up.
RA4/AN3/NCO1(2)/SDO(2)/
CLKOUT/T1G(1)
RA4
TTL
CMOS General purpose I/O.
AN3
AN
—
A/D Channel input.
NCO1
—
CMOS Numerically Controlled Oscillator output.
SDO
—
CMOS SPI data output.
CLKOUT
—
CMOS FOSC/4 output.
T1G
ST
—
Timer1 Gate input.
RA5/CLKIN/T1CKI/NCO1CLK/
CLC1IN1
RA5
TTL
CMOS General purpose I/O.
CLKIN
CMOS
—
External clock input (EC mode).
T1CKI
ST
—
Timer1 clock input.
NCO1CLK
ST
—
Numerically Controlled Oscillator Clock source input.
CLC1IN1
ST
—
CLC1 input.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2: Alternate location for peripheral pin function selected by the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com