Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJF44H11 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJF44H11
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJF44H11 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJF44H11 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJF44H11 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
MJF44H11
DESCRIPTION
·Low Collector Saturation Voltage-
: VCE(sat)= 1.0V(Max.)@ IC= 8A
·Fast Switching Speeds
·Complement to Type MJF45H11
APPLICATIONS
·Designed for general purpose power amplification and
switching such as output or driver stages in applications
such as switching regulators,converters and power amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak
20
A
Collector Power Dissipation
@TC=25℃
36
PC
Collector Power Dissipation
@Ta=25℃
2
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.5
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃/W


Similar Part No. - MJF44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11 Datasheet
80Kb / 8P
Complementary Power Transistors
December, 2002 - Rev. 2
MJF44H11 ONSEMI-MJF44H11 Datasheet
115Kb / 5P
SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Savantic, Inc.
MJF44H11 SAVANTIC-MJF44H11 Datasheet
205Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11 Datasheet
157Kb / 5P
Complementary Power Transistors
April, 2009 ??Rev. 6
logo
Savantic, Inc.
MJF44H11 SAVANTIC-MJF44H11 Datasheet
207Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJF44H11

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com