Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJH10012 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJH10012
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJH10012 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJH10012 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJH10012 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJH10012 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MJH10012 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJH10012
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A ;IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.6A
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=6A; IB=0.6A
2.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=10A; IB=2A
2.5
V
VBEsat-1
Base-emitter saturation voltage
IC=6A; IB=0.6A
2.5
V
VBEsat-2
Base-emitter saturation voltage
IC=10A; IB=2A
3.0
V
VBE
Base-emitter on voltage
IC=10A ; VCE=6V
2.8
V
ICBO
Collector cut-off current
VCB=600V; IE=0
1
mA
ICEO
Collector cut-off current
VCE=400V; IB=0
1
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
40
mA
hFE-1
DC current gain
IC=3A ; VCE=6V
300
hFE-2
DC current gain
IC=6A ; VCE=6V
100
2000
hFE-3
DC current gain
IC=10A ; VCE=6V
20
VF
Diode forward voltage
IF=10A
3.5
V
ts
Storage time
15
μs
tf
Fall time
IC=6.0A ; VCC=12V
IB1=IB2=0.3A
15
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com