Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJH16018 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJH16018
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJH16018 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJH16018 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJH16018 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJH16018
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
800
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A ;IB= 1A
IC= 5A ;IB= 1A ;TC=100℃
1.5
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A ;IB= 4A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A ;IB= 1A
IC= 5A ;IB= 1A ;TC=100℃
1.5
1.5
V
ICEV
Collector Cutoff Current
VCEV=1500V,VBE(off)=1.5V
VCEV=1500V,VBE(off)=1.5V;TC=100℃
0.25
1.5
mA
ICER
Collector Cutoff Current
VCE=1500V;RBE=50Ω;TC=100℃
2.5
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1.0
mA
hFE
DC Current Gain
IC= 5A ; VCE= 5V
7
COB
Output Capacitance
IE= 0; f= 1kHz ; VCB= 10V
400
pF
Switching times; Resistive load
td
Delay Time
0.05
0.1
μs
tr
Rise Time
0.3
0.4
μs
ts
Storage Time
2
3
μs
tf
Fall Time
IC=5A; IB1= 1A;IB2= -2A;
VCC= 250V ,RB2= 3Ω;
PW=30μs
Duty Cycle≤2%
0.9
1.2
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com